전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F169SC 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 74F169SC
상세설명  4-Stage Synchronous Bidirectional Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F169SC 데이터시트(HTML) 6 Page - National Semiconductor (TI)

  74F169SC Datasheet HTML 1Page - National Semiconductor (TI) 74F169SC Datasheet HTML 2Page - National Semiconductor (TI) 74F169SC Datasheet HTML 3Page - National Semiconductor (TI) 74F169SC Datasheet HTML 4Page - National Semiconductor (TI) 74F169SC Datasheet HTML 5Page - National Semiconductor (TI) 74F169SC Datasheet HTML 6Page - National Semiconductor (TI) 74F169SC Datasheet HTML 7Page - National Semiconductor (TI) 74F169SC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
169
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
X e Devices shipped in 13 reels
54F e Military
QB e Military grade device with
environmental and burn-in
Device Type
processing shipped in tubes
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
S e Small Outline Package SOIC JEDEC
SJ e Small Outline SOIC EIAJ
Physical Dimensions inches (millimeters)
16-Lead Ceramic Dual-In-Line Package (D)
NS Package Number J16A
6



Html Pages

1 2 3 4 5 6 7 8