전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GCS265 데이터시트(PDF) 3 Page - XP Power Limited

부품명 GCS265
상세설명  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS265 데이터시트(HTML) 3 Page - XP Power Limited

  GCS265 Datasheet HTML 1Page - XP Power Limited GCS265 Datasheet HTML 2Page - XP Power Limited GCS265 Datasheet HTML 3Page - XP Power Limited GCS265 Datasheet HTML 4Page - XP Power Limited GCS265 Datasheet HTML 5Page - XP Power Limited GCS265 Datasheet HTML 6Page - XP Power Limited GCS265 Datasheet HTML 7Page - XP Power Limited GCS265 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GCS265 Series
www.xppower.com
AC-DC Power Supplies
3
General
Efficiency Vs Load
Figure 3
12 V Models
Figure 4
24 V Models
Figure 5
48 V Models
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
93
%
230 VAC Full load (see fig.3-5)
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
1500
VAC
1500
VAC
Switching Frequency
60
200
kHz
PFC Converter
90
150
Main Converter
Power Density
10.7
W/in3
Mean Time Between Failure
346
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
TBA
lb (kg)
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
25%
50%
67%
75%
100%
Load %
115V
230V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
25%
50%
67%
75%
100%
Load %
115V
230V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
25%
50%
67%
75%
100%
Load %
115V
230V



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com