전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ER2B 데이터시트(PDF) 1 Page - Diotec Semiconductor

부품명 ER2B
상세설명  Superfast Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ER2B 데이터시트(HTML) 1 Page - Diotec Semiconductor

  ER2B Datasheet HTML 1Page - Diotec Semiconductor ER2B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER2A ... ER2M
ER2A ... ER2M
Superfast Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit superschnellem Sperrverzug
IFAV = 2 A
VF1 < 1.0 V
Tjmax = 150°C
VRRM = 50 ...1000 V
IFSM = 50 A
trr
< 35...75 ns
Version 2015-10-26
~ SMB / ~ DO-214AA
Dimensions - Maße [mm]
Typical Applications
Rectification of higher frequencies,
High speed switching
Commercial grade 1)
Typische Anwendungen
Gleichrichtung hoher Frequenzen
Schnelles Schalten
Standardausführung 1)
Features
VRRM up to 1000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 1000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.1 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ER2A
50
50
ER2B
100
100
ER2D
200
200
ER2G
400
400
ER2J
600
600
ER2K
800
800
ER2M
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 3)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
4.6
± 0.5
5.4
± 0.5
0.15
Pb
RoHS


유사한 부품 번호 - ER2B

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
ER2B PANJIT-ER2B Datasheet
64Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2B SURGE-ER2B Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Transys Electronics
ER2B TRSYS-ER2B Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER2B DCCOM-ER2B Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER2B MCC-ER2B Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

유사한 설명 - ER2B

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
EGL1A DIOTEC-EGL1A_15 Datasheet
143Kb / 2P
Superfast Recovery SMD Rectifier Diodes
EGL34A DIOTEC-EGL34A_15 Datasheet
141Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER1A DIOTEC-ER1A_15 Datasheet
139Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER3A DIOTEC-ER3A_15 Datasheet
139Kb / 2P
Superfast Recovery SMD Rectifier Diodes
FE1A DIOTEC-FE1A_15 Datasheet
133Kb / 2P
Superfast Recovery Rectifier Diodes
FE3A DIOTEC-FE3A_15 Datasheet
134Kb / 2P
Superfast Recovery Rectifier Diodes
BAV100 DIOTEC-BAV100_15 Datasheet
140Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER2A DIOTEC-ER2A_17 Datasheet
136Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ERL1A DIOTEC-ERL1A Datasheet
158Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER1A DIOTEC-ER1A_18 Datasheet
145Kb / 2P
Superfast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com