전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR3M 데이터시트(PDF) 1 Page - Diotec Semiconductor

부품명 FR3M
상세설명  Fast Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR3M 데이터시트(HTML) 1 Page - Diotec Semiconductor

  FR3M Datasheet HTML 1Page - Diotec Semiconductor FR3M Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR3A ... FR3M
FR3A ... FR3M
Fast Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit schnellem Sperrverzug
IFAV = 3 A
VF
< 1.3 V
Tjmax = 150°C
VRRM = 50...1000 V
IFSM = 100/110 A
trr
< 150...500 ns
Version 2015-10-20
~ SMC / ~ DO-214AB
Dimensions - Maße [mm]
Typical Applications
Rectification of medium frequencies,
Snubber or Bootstrap diodes
Commercial grade 1)
Typische Anwendungen
Gleichrichtung mittlerer Frequenzen
Beschaltungs- oder Bootstrapdioden
Standardausführung 1)
Features
VRRM up to 1000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 1000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.21 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings and Characteristics 2)
Grenz- und Kennwerte 2)
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Reverse recovery time
Sperrverzugszeit
trr [ns]3 )
FR3A
50
50
< 150
FR3B
100
100
< 150
FR3D
200
200
< 150
FR3G
400
400
< 150
FR3J
600
600
< 250
FR3K
800
800
< 500
FR3M
1000
1000
< 500
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
3 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
15 A 4)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100/110 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
4
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9±0.2
7.2±0.5
Pb
RoHS


유사한 부품 번호 - FR3M

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
FR3M MCC-FR3M Datasheet
87Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR3M DIOTEC-FR3M Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR3M SEMIKRON-FR3M Datasheet
120Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
FR3M DIOTEC-FR3M Datasheet
105Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR3M SEMIKRON-FR3M Datasheet
123Kb / 2P
Fast silicon rectifier diodes
More results

유사한 설명 - FR3M

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_15 Datasheet
138Kb / 2P
Fast Recovery SMD Rectifier Diodes
FR2A DIOTEC-FR2A_15 Datasheet
139Kb / 2P
Fast Recovery SMD Rectifier Diodes
FR2TSMA DIOTEC-FR2TSMA_15 Datasheet
147Kb / 2P
Fast Recovery SMD Rectifier Diodes
RGL1A DIOTEC-RGL1A_15 Datasheet
141Kb / 2P
Fast Recovery SMD Rectifier Diodes
RGL34A DIOTEC-RGL34A_15 Datasheet
142Kb / 2P
Fast Recovery SMD Rectifier Diodes
SA154 DIOTEC-SA154_15 Datasheet
150Kb / 2P
Fast Recovery SMD Rectifier Diodes
SA261 DIOTEC-SA261_15 Datasheet
155Kb / 2P
Fast Recovery SMD Rectifier Diodes
FRL1A DIOTEC-FRL1A Datasheet
157Kb / 2P
Fast Recovery SMD Rectifier Diodes
logo
DIOTEC Electronics Corp...
FRL1A DEC-FRL1A_15 Datasheet
157Kb / 2P
Fast Recovery SMD Rectifier Diodes
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_18 Datasheet
144Kb / 2P
Fast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com