전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL18N60M2 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STL18N60M2
상세설명  N-channel 600 V, 0.278 Ω typ., 9 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N60M2 데이터시트(HTML) 3 Page - STMicroelectronics

  STL18N60M2 Datasheet HTML 1Page - STMicroelectronics STL18N60M2 Datasheet HTML 2Page - STMicroelectronics STL18N60M2 Datasheet HTML 3Page - STMicroelectronics STL18N60M2 Datasheet HTML 4Page - STMicroelectronics STL18N60M2 Datasheet HTML 5Page - STMicroelectronics STL18N60M2 Datasheet HTML 6Page - STMicroelectronics STL18N60M2 Datasheet HTML 7Page - STMicroelectronics STL18N60M2 Datasheet HTML 8Page - STMicroelectronics STL18N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID026517 Rev 1
3/16
STL18N60M2
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate-source voltage
± 25
V
I
D
(1)
1.
The value is rated according to R
thj-case
and limited by package
Drain current (continuous) at T
C
= 25 °C
9
A
I
D
(1)
Drain current (continuous) at T
C
= 100 °C
5.5
A
I
DM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
22
A
P
TOT
(2)
Total dissipation at T
C
= 25 °C
57
W
I
AR
Avalanche current, repetitive or not-
repetitive (pulse width limited by T
j
max)
2A
E
AS
Single pulse avalanche energy
(starting T
j
= 25 °C, I
D
= I
AR
, V
DD
= 50 V)
135
mJ
dv/dt
(3)
3.
I
SD ≤
9 A, di/dt
≤ 400 A/μs, V
DSpeak ≤
V
(BR)DSS
, V
DD
= 400 V
Peak diode recovery voltage slope
15
V/ns
dv/dt
(4)
4.
V
DS ≤
480 V
MOSFET dv/dt ruggedness
50
V/ns
T
stg
Storage temperature
- 55 to 150
°C
T
j
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
2.2
°C/W
R
thj-amb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-amb max
59
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com