| 전자부품 데이터시트 검색엔진 |
|
STM32F446MC 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446MC 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 201 page ![]() Pinout and pin description STM32F446xC/E 48/201 DocID027107 Rev 5 613 F9 E1 24 PH1- OSC_OUT(PH1) I/O FT - EVENTOUT OSC_OUT 7 14 D8 F1 25 NRST I/O RS T -- - 815 G9 H1 26 PC0 I/O FT - SAI1_MCLK_B, OTG_HS_ULPI_STP, FMC_SDNWE, EVENTOUT ADC123_IN10 916 - H2 27 PC1 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, SPI2_MOSI/I2S2_SD, EVENTOUT ADC123_IN11 10 17 E8 H3 28 PC2 I/O FT - SPI2_MISO, OTG_HS_ULPI_DIR, FMC_SDNE0, EVENTOUT ADC123_IN12 11 18 F8 H4 29 PC3 I/O FT - SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, FMC_SDCKE0, EVENTOUT ADC123_IN13 -19 H9 - 30 VDD S - - - - - - G8 - - VSS S - - - - 12 20 F7 J1 31 VSSA S - - - - - - - K1 - VREF- S - - - - - 21 - L1 32 VREF+ S - - - - 13 22 H8 M1 33 VDDA S - - - - 14 23 J9 J2 34 PA0-WKUP(PA0) I/O FT - TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, EVENTOUT ADC123_IN0, WKUP0/TAMP_2 15 24 G7 K2 35 PA1 I/O FT - TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, SAI2_MCLK_B, EVENTOUT ADC123_IN1 16 25 E7 L2 36 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, SAI2_SCK_B, EVENTOUT ADC123_IN2 Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |