| 전자부품 데이터시트 검색엔진 |
|
STM32F446VE 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446VE 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 201 page ![]() Pinout and pin description STM32F446xC/E 50/201 DocID027107 Rev 5 26 35 F5 L4 46 PB0 I/O FT - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, SPI3_MOSI/I2S3_SD, UART4_CTS, OTG_HS_ULPI_D1, SDIO_D1, EVENTOUT ADC12_IN8 27 36 H6 M4 47 PB1 I/O FT - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, OTG_HS_ULPI_D2, SDIO_D2, EVENTOUT ADC12_IN9 28 37 J6 J5 48 PB2-BOOT1 (PB2) I/O FT - TIM2_CH4, SAI1_SD_A, SPI3_MOSI/I2S3_SD, QUADSPI_CLK, OTG_HS_ULPI_D4, SDIO_CK, EVENTOUT - - - - M5 49 PF11 I/O FT - SAI2_SD_B, FMC_SDNRAS, DCMI_D12, EVENTOUT - - - - L5 50 PF12 I/O FT - FMC_A6, EVENTOUT - - - - - 51 VSS S - - - - -- - G5 52 VDD S - - - - -- - K5 53 PF13 I/O FT - FMPI2C1_SMBA, FMC_A7, EVENTOUT - -- - M6 54 PF14 I/O FTf - FMPI2C1_SCL, FMC_A8, EVENTOUT - -- - L6 55 PF15 I/O FTf - FMPI2C1_SDA, FMC_A9, EVENTOUT - - - - K6 56 PG0 I/O FT - FMC_A10, EVENTOUT - - - - J6 57 PG1 I/O FT - FMC_A11, EVENTOUT - - 38 J5 M7 58 PE7 I/O FT - TIM1_ETR, UART5_RX, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - - 39 H5 L7 59 PE8 I/O FT - TIM1_CH1N, UART5_TX, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - - 40 G5 K7 60 PE9 I/O FT - TIM1_CH1, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |