전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70n60dm2 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 70n60dm2
상세설명  Extremely high dv/dt ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

70n60dm2 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button 70n60dm2 Datasheet HTML 4Page - STMicroelectronics 70n60dm2 Datasheet HTML 5Page - STMicroelectronics 70n60dm2 Datasheet HTML 6Page - STMicroelectronics 70n60dm2 Datasheet HTML 7Page - STMicroelectronics 70n60dm2 Datasheet HTML 8Page - STMicroelectronics 70n60dm2 Datasheet HTML 9Page - STMicroelectronics 70n60dm2 Datasheet HTML 10Page - STMicroelectronics 70n60dm2 Datasheet HTML 11Page - STMicroelectronics 70n60dm2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STW70N60DM2
10/12
DocID026843 Rev 4
Table 9: TO-247 package mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
ØP
3.55
3.65
ØR
4.50
5.50
S
5.30
5.50
5.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12