전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPTIC-82G2C5 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STPTIC-82G2C5
상세설명  Parascan tunable integrated capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-82G2C5 데이터시트(HTML) 5 Page - STMicroelectronics

  STPTIC-82G2C5 Datasheet HTML 1Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 2Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 3Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 4Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 5Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 6Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 7Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 8Page - STMicroelectronics STPTIC-82G2C5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID028611 Rev 1
5/10
STPTIC-27L2
Package information
10
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
Flip-Chip package information
Figure 7. Flip-Chip package outline
The land pattern below is recommended for soldering the STPTIC-G2 on PCB.
NC stands for No Connect, this pad must not be connected on application board. Please
leave this pad floating.
Table 4. Flip-Chip package dimensions
Dimensions (in microns)
A1
A2
B1
B2
B4
C1
C2
D1
D2
D3
E1
E2
STPTIC-27L2
1000
750
140
500
360
105
540
225
90
315
125
165
Tolerance
±30
±30
±15
±10
±15
±15
±10
±20
±20
±40
±20
±20



Html Pages

1 2 3 4 5 6 7 8 9 10