| 전자부품 데이터시트 검색엔진 |
|
PEF3452 데이터시트(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEF3452 데이터시트(HTML) 21 Page - Infineon Technologies AG |
|
21 / 71 page ![]() PEF 3452 TE3-LIU V1.3 Pin Descriptions Preliminary Data Sheet 11 2001-12-05 PRELIMINARY Table 2 Control Pin Functions Pin No. Symbol Input (I) Output (O) Supply (S) Function 33 RES I Hardware Reset A low signal at this pin forces the device into reset state. 23 CS I + PU Chip Select 0 = hardware control signals are switched through 1 = hardware control signals are ignored 5DS3/E3 I + PU DS3/STS-1 or E3 Select Primary mode selection. This signal has to be stable during reset and may not change afterwards. It must not be connected to a µPbus. 0 = E3 1 = DS3 or STS-1 (see DS3/STS-1) 4DS3/STS-1 I + PU DS3 or STS-1 Select Primary mode selection. This signal has to be stable during reset and may not change afterwards. It must not be connected to a µPbus. 0 = STS-1 1 = DS3 13 LCODE I + PU Line Code Select for receive and transmit direction E3: 0 = AMI 1 = HDB3 DS3/STS-1: 0 = AMI 1 = B3ZS 16 XAIS I + PU Transmit Alarm Indication 0 = no AIS 1 = AIS all-ones insertion |