전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH7100AS 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 VNH7100AS
상세설명  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100AS 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button VNH7100AS Datasheet HTML 30Page - STMicroelectronics VNH7100AS Datasheet HTML 31Page - STMicroelectronics VNH7100AS Datasheet HTML 32Page - STMicroelectronics VNH7100AS Datasheet HTML 33Page - STMicroelectronics VNH7100AS Datasheet HTML 34Page - STMicroelectronics VNH7100AS Datasheet HTML 35Page - STMicroelectronics VNH7100AS Datasheet HTML 36Page - STMicroelectronics VNH7100AS Datasheet HTML 37Page - STMicroelectronics VNH7100AS Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
DocID028092 Rev 4
35/38
VNH7100AS
Package and packing information
37
Figure 30. SO-16N carrier tape
Table 18. Reel dimensions
Description
Value(1)
1.
All dimensions are in mm.
Base quantity
2500
Bulk quantity
2500
A (max)
330
B (min)
1.5
C (+0.5, -0.2)
13
D (min)
20.2
N100
W1 (+2 /-0)
16.4
W2 (max)
22.4
Table 19. SO-16N carrier tape dimensions
Description
Value
A0
6.55 ± 0.1
B0
10.38 ± 0.1
K0
2.10 ± 0.1
K1
1.80 ± 0.1
F
7.50 ± 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38