전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH7100ASTR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 VNH7100ASTR
상세설명  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100ASTR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button VNH7100ASTR Datasheet HTML 3Page - STMicroelectronics VNH7100ASTR Datasheet HTML 4Page - STMicroelectronics VNH7100ASTR Datasheet HTML 5Page - STMicroelectronics VNH7100ASTR Datasheet HTML 6Page - STMicroelectronics VNH7100ASTR Datasheet HTML 7Page - STMicroelectronics VNH7100ASTR Datasheet HTML 8Page - STMicroelectronics VNH7100ASTR Datasheet HTML 9Page - STMicroelectronics VNH7100ASTR Datasheet HTML 10Page - STMicroelectronics VNH7100ASTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DocID028092 Rev 4
7/38
VNH7100AS
Electrical specifications
37
2
Electrical specifications
Figure 3. Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
38
V
-VCC
Reverse DC Supply Voltage
0.3
V
Imax
Maximum output current (continuous)
Internally limited
A
IR
Reverse output current (continuous)
-15
A
VCCPK
Maximum transient supply voltage (ISO 16750-2:2010
Test B clamped to 40 V; RL = 4 Ω)
40
V
VCCJS
Maximum jump start voltage for single pulse short circuit
protection
28
V
IIN
Input current (INA and INB pins)
-1 to 10
mA
ISEL0
SEL0 DC input current
-1 to 10
mA
IPWM
PWM input current
-1 to 10
mA
ISENSE
CS pin DC output current (VGND =VCC and VSENSE <0V)
10
mA
CS pin DC output current in reverse (VCC < 0 V)
-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com