전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNI8200XP-32 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 VNI8200XP-32
상세설명  Octal high-side smart power solid-state relay with serial
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI8200XP-32 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button VNI8200XP-32 Datasheet HTML 22Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 23Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 24Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 25Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 26Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 27Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 28Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 29Page - STMicroelectronics VNI8200XP-32 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
SPI operation (SEL2 = H)
VNI8200XP-32
26/43
DocID027849 Rev 3
(PG)"). The last 4 bits are used as parity check bits and communication error condition (see
command 16-bit frame):
P0 = F0+ F1+ F2 + F3 + F4 + F5 + F6 + F7
P1 = PC+ FB_OK + F1 + F3 + F5 + F7
P2 = PG
+ TWARN
+ F0 + F2 + F4 + F6
nP0 = not P0
Table 18: Fault 16-bit frame (slave-to-master)
MSB
LSB
F7
F6
F5
F4
F3
F2
F1
F0
FB_OK
TWARN
PC
PG
P2
P1
P0
nP0
Channel indications are latched and cleared after a communication only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43