| 전자부품 데이터시트 검색엔진 |
|
VX6953CB 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 107 page ![]() Image optimization VX6953CB 80/107 8209023 Rev 5 9.1.5 Couplet definition A failing pixel at X with a failing pixel at position [0], [1], [2], [3], [4], [5], [6] or [7] such that there is a maximum of two failing pixels from the group of nine pixels illustrated in Figure 36. The example shown in Figure 36 has the centre pixel and the pixel at position [7] failing the test criteria. Figure 36. General couplet example The basic couplet definition is further subdivided into minor and major couplets. With respect to the example in Figure 36, a minor couplet is defined as a defect pixel pair where one pixel can be an extreme fail, that is a stuck at black or stuck at white, but the second pixel in the pair must differ from the local pixel average by less than 25% of that average value. If the second pixel in the couplet differs by more than 25% of the local pixel average value then this would be defined as a major couplet. In addition, couplets will be classified as being in the inner or outer area. 9.1.6 Physical aberrations A specific test algorithm is also applied in production to identify and reject samples that display defocussed artefacts often referred to as blemishes or shapes. These artefacts are caused by scratches or contamination in the optical path away from the focal plane that is, on the IR glass or lens. The test requires two regions to be defined: • a small area: 9 by 9 pixels with the pixel under test at the centre of this area (shaded blue in Figure 37) • a large region, 31 by 31 pixels (shaded red in Figure 37) Figure 37. Test region definition An average value is calculated for both the ‘small’ and ‘large’ areas. The areas are then scanned across each color channel separately. [0] [1] [2] [X]X [3] [6] [5] [4] 9 pixels 31 pixels Small area Large area |