전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G241DCTRG4 데이터시트(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 74LVC2G241DCTRG4
상세설명  Dual Buffer and Driver With 3-State Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC2G241DCTRG4 데이터시트(HTML) 14 Page - Texas Instruments

Back Button 74LVC2G241DCTRG4 Datasheet HTML 10Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 11Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 12Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 13Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 14Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 15Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 16Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 17Page - Texas Instruments 74LVC2G241DCTRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Aug-2015
Addendum-Page 2
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22