| 전자부품 데이터시트 검색엔진 |
|
SLE66C82PC 데이터시트(PDF) 4 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SLE66C82PC 데이터시트(HTML) 4 Page - Infineon Technologies AG |
|
4 / 7 page ![]() SLE 66C82P Short Product Information 4 / 8 11.02 Testmode • Irreversible Lock - Out of testmode Anti Snooping • HW-countermeasures against SPA/DPA-, Timing- and DFA-attacks (differential fault analysis-DFA) • CRC - Module • Non standard dedicated Smart Card CPU - Core • Active Shield with automatic and user controlled attack detection Support • HW-& SW-Tools (Emulator, ROM Monitor, Card Emulator, Simulator, Softmasking) • Application notes Supported Standards • ISO/IEC 7816 • EMV 96 • GSM 11.11, 11.12, 11.18 • ETS I TS 102 221 Memory Security • 16 bytes security PROM, hardware protected • Unique chip identification number for each chip • MED – memory encryption/decryption device for XRAM, ROM and EEPROM • True Random Number Generator with Firmware test function • Security optimised layout and layout scrambling • user settable additional encryption key for EEPROM Document References • Confidential Data Book SLE 66CxxxP • Qualification report • Chip delivery specification for wafer with chip-layout (die size, orientation,...) • Module specification containing description of package, etc. • Qualification report module Development Tools Overview • Short Product Information Software Development Kit SDK CC • Short Product Information Card Emulator CE66P • Short Product Information ROM Monitor RM66P • Short Product Information Emulator ET66P Hitex or ET66P KSC • Short Product Information Smart Mask Package |