| 전자부품 데이터시트 검색엔진 |
|
MPC225-873 데이터시트(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
MPC225-873 데이터시트(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 2 page ![]() 649 * All specifications and photos are subject to change without notice. Features MPC225-873 22" TFT Fanless Medical Grade Panel Computer with Intel® Core™ i7/i5/i3 & Celeron® Processor ● 22" (250 nits) WSXGA TFT LCD ● Socket rPGA988B 3rd generation Intel® Core™ i7/i5/i3 (Ivy Bridge) & Celeron® processor ● Intel® QM77 chipset ● Isolated COM, USB and Ethernet ports ● USB 3.0 supported ● Water/dust-proof design (front bezel: IP65, full enclosure: IPX1) ● 1 PCI or PCIe x4 expansion slot and 2 PCIe Mini Card slots ● Optional Bluetooth/Wi-Fi (802.11 a/b/g/n) ● Built-in 5 mega pixels camera ● Touch screen on/off key for clean usage ● UL60601-1, EN60601-1, CE & FCC class B certified ● Supports optional wall mount, VESA arm and desktop stand Introduction Specifications The MPC225-873 is a 22-inch slim TFT fanless medical grade panel computer, which is well-suited for applications like medical image processing and medical measuring instrument. Especially designed for the medical environment, it adopts IPX1 waterproof design which protects the entire system from outside liquid, preventing system from crashing. The Isolated COM/USB/LAN port design provides electric leakage protection in medical environment. Powered by socket rPGA988B 3rd Generation Intel® Core™ i7/i5/i3 processor and PCI expansion slot, the MPC225-873 is definitely the best choice for your medical computing platform. This medical panel platform complies with UL60601-1, EN60601-1, CE, FCC Class B certifications to ensure medical operation safety. It is outfitted with 22-inch wide view angle WSXGA TFT LCD display. Additionally, the MPC225-873 offers flexible CPU selection with socket type which reduces cost, increases convenience over onboard CPU, and still maintains a fanless operation as well as long product life cycle. For expansion capability, the unit supports one PCI or PCIe x4 slot and two mini card slots for video capture card, data acquisition card, Wi-Fi, mSATA and more. The built-in 5 mega pixels camera, microphone and stereo speakers allow medical professionals to execute remote operation. Bluetooth is an available option for wireless connection with medical peripheral devices. Optional Wi-Fi (802.11 a/b/g/n) allows wireless real-time connection of patient record for assessment. To improve patient treatment accuracy, the optional RFID (radio frequency identification) offers an efficient way to validate patient identification and give proper treatment. Front Bezel Plastic ABS LCD Panel Display Type 22" WSXGA TFT Brightness (cd/m 2) 250 nits Resolution 1680 x 1050 Viewing Angle (H/V) 178°/178° Main System CPU Socket rPGA988B 3rd generation Intel® Core™ i7/i5/i3 & Celeron® processor, TDP up to 35W Chipset Intel® QM77 System Memory 2 x 204-pin DDR3 SO-DIMM max. up to 16 GB BIOS AMI UEFI BIOS with OA 3.0 built Storage 1 x 2.5" SATA HDD 1 x mSATA SSD (optional) Optical Drive 1 x Super Multi drive (optional) Watchdog Timer 255 levels, 0~255 sec. Onboard Graphics Intel® HD Graphic Rear view Slim design 7. COM 2 (RS-232) 8. Isolated COM 1 (RS-232/422/485) 9. Isolated Ethernet x 2 10. Isolated USB x 2 11. USB 3.0 x 2 12. Audio (Line-out/Mic-in) 1. Brightness Adjust buttons 2. Volume adjust buttons 3. Power LED 4. MIC 5. Touch on/off button 6. Speaker (R) Camera 13. DisplayPort 14. Power connector 15. Power switch 16. PCI or PCIe slot 17. USB 2.0 x 2 18. COM 3 (RS-232) 19. Speaker (L) 1 3 5 2 4 6 19 7 8 9 10 12 14 15 16 17 18 13 11 IPX1 Fanless DDR3 DDR3 DDR3 IP65 DualView Low Power |
유사한 부품 번호 - MPC225-873 |
|
유사한 설명 - MPC225-873 |