전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54F413DM 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54F413DM
상세설명  64 x 4 First-In First-Out Buffer Memory with Parallel I/O
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F413DM 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  54F413DM Datasheet HTML 1Page - National Semiconductor (TI) 54F413DM Datasheet HTML 2Page - National Semiconductor (TI) 54F413DM Datasheet HTML 3Page - National Semiconductor (TI) 54F413DM Datasheet HTML 4Page - National Semiconductor (TI) 54F413DM Datasheet HTML 5Page - National Semiconductor (TI) 54F413DM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
413
P
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
Temperature Range
Package Code
C e Commercial (0 Cto a70 C)
P e Plastic DIP
M e Military (b55 Cto a125 C)
D e Ceramic DIP
Physical Dimensions inches (millimeters)
16-Lead Ceramic Dual-In-Line Package (D)
NS Package Number J16A
5



Html Pages

1 2 3 4 5 6