전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1670 데이터시트(PDF) 30 Page - Semtech Corporation

부품명 GS1670
상세설명  HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1670 데이터시트(HTML) 30 Page - Semtech Corporation

Back Button GS1670 Datasheet HTML 26Page - Semtech Corporation GS1670 Datasheet HTML 27Page - Semtech Corporation GS1670 Datasheet HTML 28Page - Semtech Corporation GS1670 Datasheet HTML 29Page - Semtech Corporation GS1670 Datasheet HTML 30Page - Semtech Corporation GS1670 Datasheet HTML 31Page - Semtech Corporation GS1670 Datasheet HTML 32Page - Semtech Corporation GS1670 Datasheet HTML 33Page - Semtech Corporation GS1670 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 126 page
background image
GS1670 HD/SD SDI Receiver
Data Sheet
53831 - 2
September 2012
30 of 126
4.7 SMPTE Functionality
4.7.1 Descrambling and Word Alignment
The GS1670 performs NRZI to NRZ decoding and data descrambling according to
SMPTE 292/SMPTE 259M-C and word aligns the data to TRS sync words.
When operating in manual mode (AUTO/MAN = LOW), the device only carries out
SMPTE decoding, descrambling and word alignment when the SMPTE_BYPASS pin is set
HIGH and the DVB_ASI pin is set LOW.
When operating in Auto mode (AUTO/MAN = HIGH), the GS1670 carries out
descrambling and word alignment to enable the detection of TRS sync words. When two
consecutive valid TRS words (SAV and EAV), with the same bit alignment have been
detected, the device word-aligns the data to the TRS ID words.
TRS ID word detection is a continuous process. The device remains in SMPTE mode until
TRS ID words fail to be detected.
NOTE: Both 8-bit and 10-bit TRS headers are identified by the device.
4.8 Parallel Data Outputs
The parallel data outputs are aligned to the rising edge of the PCLK.
4.8.1 Parallel Data Bus Buffers
The parallel data bus, status signal outputs and control signal input pins are all
connected to high-impedance buffers.
The device supports 1.8 or 3.3V (LVTTL and LVCMOS levels) supplied at the IO_VDD and
IO_GND pins.
All output buffers (including the PCLK output), are set to high-impedance in Reset mode
(RESET_TRST = LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com