전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2978 데이터시트(PDF) 2 Page - Gennum Corporation

부품명 GS2978
상세설명  Dual coaxial cable driving outputs with selectable slew rate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978 데이터시트(HTML) 2 Page - Gennum Corporation

  GS2978 Datasheet HTML 1Page - Gennum Corporation GS2978 Datasheet HTML 2Page - Gennum Corporation GS2978 Datasheet HTML 3Page - Gennum Corporation GS2978 Datasheet HTML 4Page - Gennum Corporation GS2978 Datasheet HTML 5Page - Gennum Corporation GS2978 Datasheet HTML 6Page - Gennum Corporation GS2978 Datasheet HTML 7Page - Gennum Corporation GS2978 Datasheet HTML 8Page - Gennum Corporation GS2978 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
2 of 15
Revision History
Version
ECR
PCN
Date
Changes and/or Modifications
7
151357
March 2009
Added 2.5k reel option to section 6.6 Ordering Information. Added
maximum power consumption value to Table 2-1: DC Electrical
Characteristics.
6
150277
August 2008
Updated data sheet format. Added Tape & Reel Part Number to 6.6
Ordering Information.
5
147849
October 2007
Changed minimum value of differential input signal amplitude in
Section 4.1.
4
147552
September
2007
Changed Input Voltage Swing in Table 2-2: AC Electrical Characteristics.
3
146309
July 2007
Corrected part number typo in Ordering Information on page 14.
2
144827
41693
April 2007
Added Table 4-1: RSET vs. VOD.
1
142318
November 2006
Converting to Data Sheet. Added section 6.4 Solder Reflow Profiles.
Added typical ORL values in AC Electrical Characteristics.
0
140608
May 2006
Changed to Preliminary Data Sheet. Removed references to trial
publication for SMPTE 424M. Modified IIH/IILconditions to 10μA in DC
Electrical Characteristics and additive jitter in AC Electrical
Characteristics. Added section 4.3 Output Return Loss Measurement.
B
139766
March 2006
Corrected pad standoff height and tolerances for pad width & package
dimension. Corrected pad shape.
A
138454
February 2006
New document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com