| 전자부품 데이터시트 검색엔진 |
|
EX87424-R3AC 데이터시트(PDF) 1 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX87424-R3AC 데이터시트(HTML) 1 Page - Axiomtek Co., Ltd. |
|
1 / 6 page ![]() EX87000 Series www.EtherWAN.com 1 rev. A5 Overview EtherWAN’s EX87000 Series provides a Hardened Fully Managed 28-port switching platform combining high performance switching backbone with robust and secure management features required for mission critical and harsh environments where sustained connectivity is crucial. The EX87000 Series is equipped with twenty-four 10/100BASE Fast Ethernet ports, in combination with up to four Gigabit, Fixed Fiber, or SFP Combo port options. Mountable on a 1U rack, the EX87000 Series is equipped with EtherWAN’s Alpha- Ring self-healing technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption. Users are able to access management features such as port security, IGMP snooping, VLANs, GARP protocols, LACP, and GOOSE messaging to name a few, via web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces. With its hardened-grade specifications and IEC61850 & IEEE1613 certifications, the EX87000 Series is capable of operating under high EMI environments at the temperatures ranging from -40°C to 75°C, making it an ideal choice for harsh applications. EtherWAN – "When Connectivity is Crucial." Spotlight •VersatileConnectivity ◦ Provides flexibility of 24-port 10/100BASE-TX/FX/BX/SFP plus 4-port Gigabit-TX/SX/LX/BX/SFP •HardenedGrade ◦ Wide operating temperature range for extreme environments ◦ Fanless and ruggedized housing ◦ High shock and electric noise immunity •KEMA-Certified ◦ IEC61850-3 and IEEE1613 performance tests conducted by KEMA EX87000Series IEC61850-3/IEEE1613HardenedManaged24-port10/100BASE and4-portGigabitEthernetSwitchwithSFPoptions SFP Option 61850-3 IEC |
유사한 부품 번호 - EX87424-R3AC |
|
유사한 설명 - EX87424-R3AC |