| 전자부품 데이터시트 검색엔진 |
|
TLE4241 데이터시트(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4241 데이터시트(HTML) 12 Page - Infineon Technologies AG |
|
12 / 15 page ![]() Data Sheet 12 Rev. 1.2, 2004-04-13 TLE 4241 GM PWM Pin Input Current versus PWM Voltage SET Pin Input Current versus SET Voltage PWM Pin Input Current versus PWM Voltage SET Pin Input Current versus SET Voltage AED03332.VSD 0 V PWM 5 101520 2530 V 40 0 0.5 1.0 1.5 2.0 mA I PWM AED03338.VSD 0 V SET V 0 0.5 1.0 1.5 2.0 2.5 5 1015 2025 30 40 mA I SET AED03331.VSD 0 V PWM 12 3 456 V 8 0 100 200 300 400 µA I PWM AED03337.VSD 0 V SET 12 3 4 5 6 V 8 0 100 200 300 400 µA I SET |