| 전자부품 데이터시트 검색엔진 |
|
UT54ACTS08 데이터시트(PDF) 1 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS08 데이터시트(HTML) 1 Page - Aeroflex Circuit Technology |
|
1 / 9 page ![]() 1 Standard Products UT54ACS08/UT54ACTS08 Quadruple 2-Input AND Gates Datasheet November 2010 www.aeroflex.com/logic FEATURES 1.2μ CMOS - Latchup immune High speed Low power consumption Single 5 volt supply Available QML Q or V processes Flexible package - 14-pin DIP - 14-lead flatpack UT54ACS08 - SMD 5962-96518 UT54ACTS08 - SMD 5962-96519 DESCRIPTION The UT54ACS08 and the UT54ACTS08 are quadruple two- input AND gates. The circuits perform the Boolean functions Y= A ⋅ B or Y = in positive logic. The devices are characterized over full military temperature range of -55 °C to +125°C. FUNCTION TABLE LOGIC SYMBOL PINOUTS 14-Pin DIP Top View 14-Pin Flatpack Top View LOGIC DIAGRAM INPUT OUTPUT A B Y H H H L X L X L L A + B Y1 (3) (6) Y2 Y3 (8) (11) Y4 (1) A1 (2) B1 (4) A2 (5) B2 (9) A3 (10) B3 (12) A4 (13) B4 Note: 1. Logic symbol in accordance with ANSI/IEEE standard 91-1984 and IEC Publication 617-12. & A1 B1 Y1 A2 B2 Y2 VSS VDD B4 A4 Y4 B3 A3 Y3 114 213 312 411 510 69 78 1 2 3 4 5 7 6 14 13 12 11 10 8 9 VDD B4 A4 Y4 B3 A3 Y3 A1 B1 Y1 A2 B2 Y2 VSS B4 A4 Y4 B3 A3 Y3 A1 B1 Y1 A2 B2 Y2 |
유사한 부품 번호 - UT54ACTS08 |
|
유사한 설명 - UT54ACTS08 |