| 전자부품 데이터시트 검색엔진 |
|
UT54ACTS138 데이터시트(PDF) 1 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS138 데이터시트(HTML) 1 Page - Aeroflex Circuit Technology |
|
1 / 10 page ![]() 1 Standard Products UT54ACS138/UT54ACTS138 3-Line to 8-Line Decoders/Demultiplexers Datasheet November 2010 www.aeroflex.com/logic FEATURES 1.2μ CMOS - Latchup immune High speed Low power consumption Single 5 volt supply Available QML Q or V processes Flexible package - 16-pin DIP - 16-lead flatpack UT54ACS138 - SMD 5962-96544 UT54ACTS138 - SMD 5962-96545 DESCRIPTION The UT54ACS138 and the UT54ACTS138 3-line to 8-line de- coders/demultiplexers are designed to be used in high-perfor- mance memory-decoding or data-routing applications requiring very short propagation delay times. The conditions at the binary select inputs and the three enable inputs select one of eight output lines. Two active-low and one active-high enable inputs reduce the need for external gates of inverters when expanding. A 24-line decoder can be implement- ed without external inverters and a 32-line decoder requires only one inverter. An enable input can be used as a data input for demultiplexing applications. PINOUTS 16-Pin DIP Top View 16-Lead Flatpack Top View The devices are characterized over full military temperature range of -55 °C to +125°C. FUNCTION TABLE 1 2 3 4 5 7 6 16 15 14 13 12 10 11 A B C G2A G2B G1 Y7 VDD Y0 Y1 Y2 Y3 Y4 Y5 8 9 VSS Y6 1 2 3 4 5 7 6 16 15 14 13 12 10 11 VDD A B C G2A G2B G1 Y7 Y0 Y1 Y2 Y3 Y4 Y5 VSS Y6 89 ENABLE INPUTS SELECT INPUTS OUTPUT G1 G2A G2B C B A Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 X X H X X X H H H H H H H H L X X X X X H H H H H H H H X H X X X X H H H H H H H H H L L L L L L H H H H H H H H L L L L H H L H H H H H H H L L L H L H H L H H H H H H L L L H H H H H L H H H H H L L H L L H H H H L H H H H L L H L H H H H H H L H H H L L H H L H H H H H H L H H L L H H H H H H H H H H L |
유사한 부품 번호 - UT54ACTS138 |
|
유사한 설명 - UT54ACTS138 |