전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT699SEA 데이터시트(PDF) 13 Page - Aeroflex Circuit Technology

부품명 UT699SEA
상세설명  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEA 데이터시트(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT699SEA Datasheet HTML 9Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 10Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 11Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 12Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 13Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 14Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 15Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 16Page - Aeroflex Circuit Technology UT699SEA Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
2.16 PCI Arbiter
2.17 Power and Ground Pins (352 CQFP)
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
PCI_ARB_REQ[0]
PCI-I
331
B4
--
PCI arbiter bus request
PCI_ARB_REQ[1]
PCI-I
332
AB4
--
PCI arbiter bus request
PCI_ARB_REQ[2]
PCI-I
337
Y4
--
PCI arbiter bus request
PCI_ARB_REQ[3]
PCI-I
339
T3
--
PCI arbiter bus request
PCI_ARB_REQ[4]
PCI-I
343
P3
--
PCI arbiter bus request
PCI_ARB_REQ[5]
PCI-I
344
M3
--
PCI arbiter bus request
PCI_ARB_REQ[6]
PCI-I
348
K3
--
PCI arbiter bus request
PCI_ARB_REQ[7]
PCI-I
350
C4
--
PCI arbiter bus request
PCI_ARB_GNT[0]
PCI-O
333
B3
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[1]
PCI-O
336
AA4
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[2]
PCI-O
338
W4
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[3]
PCI-O
342
R3
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[4]
PCI-O
345
N3
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[5]
PCI-O
347
L3
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[6]
PCI-O
349
J3
high-Z
PCI arbiter bus grant
PCI_ARB_GNT[7]
PCI-O
351
A3
high-Z
PCI arbiter bus grant
Pin Name
Pin Number
Description
352 CQFP
484 CLGA
VDD
3, 15, 25, 35, 40, 44, 54, 65,
75, 87, 95, 106, 116, 127,
135, 137, 149, 158, 170,
181, 190, 200, 203, 211,
217, 222, 226, 229, 233,
241, 247, 251, 263, 271,
283, 292, 294, 304, 314,
325, 335, 346
B1, B10, B12, B22, E7, E9,
E14, E16, F6, F10, F13,
F17, G5, G9, G14, H6, H8,
H10, H13, H15, J7, J16,
J18, K5, K8, K15, K17, L6,
M6, N5, N8, N15, N17, P7,
P16, P18, R6, R8, R10,
R13, R15, T5, T9, T14, U6,
U9, U11, U12, U14, U17,
V10, V13, AA1, AA22
I/O supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41