전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT54ACTS157E 데이터시트(PDF) 6 Page - Aeroflex Circuit Technology

부품명 UT54ACTS157E
상세설명  Quadruple 2 to 1 Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS157E 데이터시트(HTML) 6 Page - Aeroflex Circuit Technology

  UT54ACTS157E Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS157E Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AC ELECTRICAL CHARACTERISTICS FOR UT54ACTS157E2
(VDD = 5.0V 10%; VSS = 0V
1, -55
C < T
C < +125C)
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for the maximum radiation dose available for the respective device types.
SYMBOL
PARAMETER
CONDITION
VDD
MINIMUM
MAXIMUM
UNIT
tPHL1
mA or mB to mY
CL=50pF
3.0V to 3.6V
3
20
ns
4.5V to 5.5V
2
11
tPLH1
mA or mB to mY
CL=50pF
3.0V to 3.6V
3
18
ns
4.5V to 5.5V
2
10
tPHL2
G to mY
CL=50pF
3.0V to 3.6V
3
18
ns
4.5V to 5.5V
2
10
tPLH2
G to mY
CL=50pF
3.0V to 3.6V
3
18
ns
4.5V to 5.5V
2
10
tPHL3
A/B to mY
CL=50pF
3.0V to 3.6V
3
19
ns
4.5V to 5.5V
2
11
tPLH3
A/B to mY
CL=50pF
3.0V to 3.6V
3
17
ns
4.5V to 5.5V
2
10



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com