전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT54BS16245 데이터시트(PDF) 6 Page - Aeroflex Circuit Technology

부품명 UT54BS16245
상세설명  UT54BS16245 16bit Bus Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS16245 데이터시트(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT54BS16245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AC CHARACTERISTICS
*,1
(VDD= 5.0V ±0.5V, -55°C < TC < +125°C); Unless otherwise noted, TC is per the temperature
range ordered
Symbol
From
(INPUT)
To
(OUTPUT)
Cond.
MIN
MAX
Unit
tPD30
1
A or B
B or A
II =+/-30mA
500
ps
tPD15
1
A or B
B or A
II =+/-15mA
650
ps
tEN
/EN=VSS
A or B
1
5
ns
tDIS
/EN=VDD
A or B
1
7
ns
(VDD= 3.3V ±0.3V, -55°C < TC < +125°C); Unless otherwise noted, TC is per the temperature
range ordered
Symbol
From
(INPUT)
To
(OUTPUT)
Cond.
MIN
MAX
Unit
tPD30
1
A or B
B or A
II =+/-30mA
1
ns
tPD15
1
A or B
B or A
II =+/-15mA
1.3
ns
tEN
/EN=VSS
A or B
1
7
ns
tDIS
/EN=VDD
A or B
1
8
ns
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation
performance is guaranteed at 25°C per MIL-STD-883 Method 1019, Condition A up to the
maximum TID level procured.
1. The propagation delay through the channel is based upon the RC time constant of the channel
resistance and switch ON capacitance, 11
Ω and 17pF.
Symbol
Parameter
Condition
MIN
MAX
Unit
XTALK
1
Cross talk between
channels VDD = 5.0V
RL = 50
Ω, CL = 50pF,
f = 1MHz,
VIN1 = 1VRMS
Centered at VDD/2
-60
dB
XTALK
1
Cross talk between
channels VDD = 3.3V
RL = 50
Ω, CL = 50pF,
f = 1MHz,
VIN1 = 1VRMS
Centered at VDD/2
-60
dB
ISOOFF
1
Off Isolation
RL = 50
Ω, CL = 50pF,
f = 1MHz,
VIN1 = 1VRMS
Centered at VDD/2
-60
dB
Notes:
1.
Guaranteed by design.
36-00-03-005
Ver. 1.0.0
6
Aeroflex Microelectronic Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com