전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT699E-CPC 데이터시트(PDF) 18 Page - Aeroflex Circuit Technology

부품명 UT699E-CPC
상세설명  UT699E 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699E-CPC 데이터시트(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT699E-CPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT699E-CPC Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
Aeroflex Microelectronics Solutions - HiRel
36-00-00-001
Ver. 1.5.0
3.4 Power Supply Operating Characteristics (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55oC to 105oC)
3.5 DC Characteristics for LVCMOS3 Inputs (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55oC to 105oC)
Notes:
1. JTAG inputs are not tested.
2. Capacitance is measured for initial qualification and when design changes might affect the input/output capacitance.
Symbol
Description
Conditions
Max
Units
IDDCS
Standby core power sup-
ply quiescent current
VDDC = 1.3V, VDD= 3.6V
All clock inputs at 0MHz
TC = -55oC
and 25oC
8
mA
TC = 105oC
100
Post Irradiation (R)
TC = 25oC
50
IDDS
Standby I/O power sup-
ply quiescent current
VDDC = 1.3V, VDD = 3.6V
All clock inputs at 0MHz
TC = -55oC
and 25oC
0.7
mA
TC = 105oC
2
Symbol
Description
Conditions
Min
Max
Units
VIH1
High-level input voltage
0.7VDD
--
V
VIL1
Low-level input voltage
--
0.3VDD
V
VT+
Positive going threshold voltage for Schmitt
inputs
--
0.7VDD
V
VT-
Negative going threshold voltage for Schmitt
inputs
0.3VDD
--
V
VH
Hysteresis voltage for Schmitt inputs
0.4
--
V
IIN
Input leakage current
VIN = VDD
--
1
μA
VIN = VSS
-1
--
CIN2
Input pin capacitance
f = 1MHz; VDD = 0V,
VDDC = 0V
--
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com