| 전자부품 데이터시트 검색엔진 |
|
UT700E-CPC 데이터시트(PDF) 9 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700E-CPC 데이터시트(HTML) 9 Page - Aeroflex Circuit Technology |
|
9 / 46 page ![]() 9 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.10 Ethernet Interface TDO O F19 undef JTAG test data output Pin Name Direction Pin Number Reset Value Description 484 CLGA EMDC O E22 low Ethernet media interface clock ERX_CLK I D22 -- Ethernet RX clock EMDIO I/O D20 high-z Ethernet media interface data ERX_COL I E21 -- Ethernet collision error ERX_CRS I E20 -- Ethernet carrier sense detect ERX_DV I D21 -- Ethernet receiver data valid ERX_ER I C21 -- Ethernet reception error ERXD[0] I C22 -- Ethernet receive data ERXD[1] I B21 -- Ethernet receive data ERXD[2] I C20 -- Ethernet receive data ERXD[3] I B20 -- Ethernet receive data ETXD[0] O C19 low Ethernet transmit data ETXD[1] O C18 high Ethernet transmit data ETXD[2] O B18 low Ethernet transmit data ETXD[3] O B19 high Ethernet transmit data ETX_CLK I A19 -- Ethernet TX clock ETX_EN O A18 low Ethernet transmit enable ETX_ER O A20 low Ethernet transmit error. Always driven low. EDCLDIS I E17 -- Ethernet EDCL disable EMDINT I E18 -- Ethernet management interface data interrupt Pin Name Direction Pin Number Reset Value Description 484 CLGA |