| 전자부품 데이터시트 검색엔진 |
|
UT54ACS193 데이터시트(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACS193 데이터시트(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 10 page ![]() 2 LOGIC SYMBOL LOGIC DIAGRAM (14) CLR (5) UP G1 CT=0 CTRDIV 16 (4) DOWN (15) A (1) B (10) C (9) D (12) (3) QA (7) QD (6) QC (2) QB 3D (1) (2) (4) (8) 2+ G2 (11) LOAD C3 (13) BO 2CT=0 1- CO 1CT=15 Note: 1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC Publi- cation 617-12. A DOWN UP CLR LOAD (15) (4) (5) (1) (10) (9) (14) (11) Q (7) (6) (2) (3) (12) (13) B C D BO CO D C B A Q Q Q C Q R S Q C Q R S Q C Q R S Q C Q R S Q |