전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESDA17-5SC6 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 ESDA17-5SC6
상세설명  TRANSIL??ARRAY FOR ESD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA17-5SC6 데이터시트(HTML) 3 Page - STMicroelectronics

  ESDA17-5SC6 Datasheet HTML 1Page - STMicroelectronics ESDA17-5SC6 Datasheet HTML 2Page - STMicroelectronics ESDA17-5SC6 Datasheet HTML 3Page - STMicroelectronics ESDA17-5SC6 Datasheet HTML 4Page - STMicroelectronics ESDA17-5SC6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESDA17/19-5SC6
3/5
0.1
1.0
10.0
100.0
0
1020
3040
5060
70
V
(V)
CL
t
P=2.5µs
T
j initial =25°C
ESDA17-5SC6
ESDA19-5SC6
I
(A)
PP
Fig. 3: Clamping voltage versus peak pulse
current (typical values, rectangular waveform).
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
(V)
FM
T
j =25°C
T
j =125°C
I
(A)
FM
Fig. 4: Forward voltage drop versus peak forward
current (typical values).
0
5
10
15
20
25
30
35
40
01
23
456
78
9
10
11
12
13
14
15
16
17
V (V)
R
F=1MHz
V
osc=30mVRMS
T
j=25°C
C(pF)
Fig. 5: Junction capacitance versus reverse volt-
age applied (typical values).
1
10
100
25
50
75
100
125
Tj(°C)
V
R =14V
IR [Tj] / IR [Tj = 25°C]
Fig. 6: Relative variation of leakage current versus
junction temperature (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
Tj (°C)
P
[Tj initial] / P
[Tj initial = 25°C]
PP
PP
Fig. 1: Relative variation of peak pulse power
versus initial junction temperature.
10
100
1000
1
10
100
tp (µs)
T
j initial = 25°C
P
(W)
PP
Fig. 2: Peak pulse power versus exponential pulse
duration.



Html Pages

1 2 3 4 5