전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT8R128K32 데이터시트(PDF) 13 Page - Aeroflex Circuit Technology

부품명 UT8R128K32
상세설명  UT8R128K32 128K x 32 SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8R128K32 데이터시트(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT8R128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 10Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 11Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 12Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 13Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 14Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 15Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 16Page - Aeroflex Circuit Technology UT8R128K32 Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
PACKAGING
Notes:
1. All exposed metallized areas are gold plated over nickel
per MIL-PRF-38535.
2. The lid is electrically connected to VSS.
3. Lead finishes are in accordance with MIL-PRF-38535.
Figure 7. 68-Lead Ceramic Quad Flatpack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22