| 전자부품 데이터시트 검색엔진 |
|
ACT4480-DFI-7 데이터시트(PDF) 9 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT4480-DFI-7 데이터시트(HTML) 9 Page - Aeroflex Circuit Technology |
|
9 / 11 page ![]() SCD4480-DFI Rev B 2/27/2013 9 Aeroflex Plainview Pin# Function Channel 1 A_TXOUT / RXIN A 2 A_TXOUT_L / RXIN_L A 3 VCC - 4 A_RX_STROBE A 5 A_RXOUT A 6 A_RXOUT_L A 7 A_GND A 8 NO CONNECTION - 9 B_DIGITAL_GND B 10 B_TX_INHIBIT B 11 B_TX_IN_L B 12 B_TX_IN B 13 B_TXOUT/RXIN B 14 B_TXOUT_L / RXIN_L B 15 B_RX_STROBE B 16 B_RXOUT B 17 B_RXOUT_L B 18 B_GND B 19 VEE - 20 A_DIGITAL_GND A 21 VL - 22 A_TX_INHIBIT A 23 A_TX_IN_L A 24 A_TX_IN A FIGURE 7 - LEAD NUMBERS & FUNCTIONS |