전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RDC5028C 데이터시트(PDF) 17 Page - Aeroflex Circuit Technology

부품명 RDC5028C
상세설명  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C 데이터시트(HTML) 17 Page - Aeroflex Circuit Technology

Back Button RDC5028C Datasheet HTML 12Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 13Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 14Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 15Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 16Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 17Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 18Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 19Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
APPLICATION NOTE 1
USING INL ERROR CORRECTION FACTORS TO IMPROVE ACCURACY:
The information provided in this section is to address the constant Integral Nonlinearity (INL) that exists at
each angle of the RDC5028 Resolver to Digital Converter (RDC). This error is repeatable from chip to chip
and provides a look up Table of offsets that can be added to the output of the Resolver to Digital Converter
to obtain the 5.3 minute accuracy.
Figure 8 shows the error in Minutes that exists at 2o increments for the full 360o. Note that the INL error
from 0o to 180o is basically the same as the error between 180o and 360o. Table II has the angle and
correction factor (in Minutes) that must be added to zero out the INL error.
A simple calculation can be performed to derive a correction factor for angles that fall between the angles
listed in Table II herein.
AL = Larger Angle
AS = Smaller Angle
CL = Correction Factor associated with larger Angle
CS = Correction Factor associated with smaller Angle
NA = New Angle
NCF = New Correction Factor
Formula:
NCF = CS + (((NA - AS) / (AL - AS)) * (CL - CS))
Example:
Require the correction factor @ 15o for 5028-3-1
NCF = 5.10687 + (((15 – 14) / (16 – 14)) * (5.61783 - 5.10687))
NCF = 5.10687 + (((1) / (2)) * .51096)
NCF = 5.10687 + (.5 * .51096)
NCF = 5.10687 + .25548
NCF = 5.36235 minutes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20