전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UT01VS50L-XPC 데이터시트(PDF) 13 Page - Aeroflex Circuit Technology

부품명 UT01VS50L-XPC
상세설명  UT01VS50L Voltage Supervisor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50L-XPC 데이터시트(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT01VS50L-XPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT01VS50L-XPC Datasheet HTML 15Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ORDERING INFORMATION
UT01VS50L VOLTAGE SUPERVISOR
Lead Finish: (Notes: 1)
(C) = Gold
Screening Level: (Notes: 2 and 3)
(P) = Prototype Flow
(C) = HiRel Flow (Temperature range -55oC to +125oC)
Case Outline:
(X) = 8-lead Ceramic Flat Package
TID Tolerance:
(-) = None
Device Type
(L) = Active low push-pull RESET
Generic UT01VS50 part number:
(01VS50)
UT******
*
*
*
*
*
Notes:
1. Lead finish is "C" (Gold) only.
2. Prototype flow per Aeroflex Manufacturing Flows Document. Devices are tested at 25
°C only. Lead finish is Gold "C" only. Radiation neither tested nor
guaranteed.
3. HiRel Flow per Aeroflex Manufacturing Flows Document. Radiation neither tested nor guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15