전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ARLP11-4321 데이터시트(PDF) 1 Page - Allied Components International

부품명 ARLP11-4321
상세설명  Single Port Low Profile RJ45
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLIED [Allied Components International]
홈페이지  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

ARLP11-4321 데이터시트(HTML) 1 Page - Allied Components International

  ARLP11-4321 Datasheet HTML 1Page - Allied Components International ARLP11-4321 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
11/17/2015
All specifications subject to change without notice.
MECHANICAL
Single Port Low Profile RJ45
ARLP11-4321
10/100/1000 Gigabit for Ethernet and Networking Applications
Transmit open circuit inductance (OCL):
(OCL): 350uH (MIN) @100KHz,0.1VRMS with 8mA DC Bias
RJ45 jack cavity conforms to FCC rules and regulations
Storage temperature range: -40ºC to +85ºC
Standard operating temp: 0ºC to +70ºC
Part 68, SUB Part F
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100KHz, 0.1V
Turns Ratio
chip: cable
(±5%)
DC Resistance
Insertion Loss
(dB Min)
With 8mA DC Bias
1-100MHz
ARLP11-4321
350
1CT:1CT
-1.2 Ω Max
-1.0
100-125MHz
-1.2
Electrical Specifications @ 25°C
Part
Number
Return Loss
(dB Min)
Cross Talk
(dB Min)
Isolation
PHY Side
40-60MHz 60-80MHz
ARLP11-4321
-12
-10
2250 VDC
1-40MHz
-16
1-100MHz
1-100MHz
-30
to Line Side
80-100MHz
-8
Common To Common Mode
-30
(dB Min)


유사한 부품 번호 - ARLP11-4321

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
ARLP11-4100 ALLIED-ARLP11-4100 Datasheet
1Mb / 2P
10/100/1000 Gigabit for Ethernet and Networking Applications
ARLP11-4169 ALLIED-ARLP11-4169 Datasheet
719Kb / 2P
1000 Base-T for Ethernet Applications
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
10/100/1000 Gigabit for Ethernet and other Networking Applications
ARLP11-4466I ALLIED-ARLP11-4466I Datasheet
772Kb / 2P
Single Port Low Profile 10G RJ45
More results

유사한 설명 - ARLP11-4321

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
ARLP11-3646 ALLIED-ARLP11-3646 Datasheet
620Kb / 2P
Single Port Low Profile RJ45
ARLP11-3647 ALLIED-ARLP11-3647 Datasheet
612Kb / 2P
Single Port Low Profile RJ45
AR11-3891 ALLIED-AR11-3891 Datasheet
481Kb / 2P
SINGLE PORT RJ45
AR11-4064 ALLIED-AR11-4064 Datasheet
513Kb / 2P
Single Port RJ45
AR11-4077I ALLIED-AR11-4077I Datasheet
634Kb / 2P
SINGLE PORT RJ45
AR11-4160I ALLIED-AR11-4160I Datasheet
1Mb / 2P
SINGLE PORT RJ45
AR11-4390I ALLIED-AR11-4390I Datasheet
3Mb / 2P
SINGLE PORT RJ45
AR11-3893I ALLIED-AR11-3893I Datasheet
1,009Kb / 2P
SINGLE PORT RJ45
ARLP11-4466I ALLIED-ARLP11-4466I Datasheet
772Kb / 2P
Single Port Low Profile 10G RJ45
AR11-4009 ALLIED-AR11-4009 Datasheet
914Kb / 2P
Single Port RJ45
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com