| 전자부품 데이터시트 검색엔진 |
|
LM3554TMX/NOPB 데이터시트(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM3554TMX/NOPB 데이터시트(HTML) 25 Page - Texas Instruments |
|
25 / 47 page ![]() Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 7 MSB LSB Flags Register Register Address 0xD0 VIN Monitor Fault LED Thermal Fault TX2 Interrupt LED Fault Thermal Shutdown Flash Timeout TX1 Interrupt N/A Bit 6 25 LM3554 www.ti.com SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016 Product Folder Links: LM3554 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated Table 4. Flash Duration Register Bit Settings Bit 7 (Not used) Bit 6 (CL1) Bit 5 (CL0) Bit 4 (T4) Bit 3 (T3) Bit 2 (T2) Bit 1 (T1) Bit 0 (T0) Reads Back '0' Current Limit Select Bits 00 = 1-A peak current limit 01 = 1.5-A peak current limit 10 = 2-A peak current limit (default) 11 = 2.5-A peak current limit Flash Timeout Select Bits 00000 = 32-ms timeout 00001 = 64-ms timeout 00010 = 96-ms timeout 00011 = 128-ms timeout 00100 = 160-ms timeout 00101 = 192-ms timeout 00110 = 224-ms timeout 00111 = 256-ms timeout 01000 = 288-ms timeout 01001 = 320-ms timeout 01010 = 352-ms timeout 01011 = 384-ms timeout 01100 = 416-ms timeout 01101 = 448-ms timeout 01110 = 480-ms timeout 01111 = 512-ms timeout (default) 10000 = 544-ms timeout 10001 = 576-ms timeout 10010 = 608-ms timeout 10011 = 640-ms timeout 10100 = 672-ms timeout 10101 = 704-ms timeout 10110 = 736-ms timeout 10111 = 768-ms time-out 11000 = 800-ms timeout 11001 = 832-ms timeout 11010 = 864-ms timeout 11011 = 896-ms timeout 11100 = 928-ms timeout 11101 = 960-ms timeout 11110 = 992-ms timeout 11111 = 1024-ms timeout 7.6.1.4 Flags Register The Flags Register holds the status of the flag bits indicating LED Failure, Over-Temperature, the Flash Timeout expiring, VIN Monitor Fault, LED over temperature (NTC), and a TX interrupt. (See and Table 5.) Flags Register Description |