전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6676 데이터시트(PDF) 67 Page - Analog Devices

부품명 AD6676
상세설명  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6676 데이터시트(HTML) 67 Page - Analog Devices

Back Button AD6676 Datasheet HTML 63Page - Analog Devices AD6676 Datasheet HTML 64Page - Analog Devices AD6676 Datasheet HTML 65Page - Analog Devices AD6676 Datasheet HTML 66Page - Analog Devices AD6676 Datasheet HTML 67Page - Analog Devices AD6676 Datasheet HTML 68Page - Analog Devices AD6676 Datasheet HTML 69Page - Analog Devices AD6676 Datasheet HTML 70Page - Analog Devices AD6676 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 67 of 90
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x196
PKTHRH1_MSB
RESERVED
PKTHRH1_MSB
0x00 RW
0x197
LOWTHRH_LSB
LOWTHRH_LSB
0x00 RW
0x198
LOWTHRH_MSB
RESERVED
LOWTHRH_MSB
0x00 RW
0x199
DWELL_TIME_MANTISSA
DWELL_TIME_MANTISSA
0x00 RW
0x19A
DWELL_TIME_EXP
RESERVED
DWELL_TIME_EXP
0x00 RW
0x19B
FLAG0_SEL
RESERVED
FLAG0_SEL
0x00 RW
0x19C
FLAG1_SEL
RESERVED
FLAG1_SEL
0x00 RW
0x19E
EN_FLAG
RESERVED
EN_OR
RESERVED
EN_FLAG1
EN_FLAG0
0x00 RW
GPIO Configuration
0x1B0
FORCE_GPIO
RESERVED
FORCE_GPIO
0x00 RW
0x1B1
FORCE_GPIO_OUT
RESERVED
FORCE_GPIO_OUT
0x00 RW
0x1B2
FORCE_GPIO_VAL
RESERVED
FORCE_GPIO_VAL
0x00 RW
0x1B3
READ_GPO
RESERVED
READ_GPO
0x00 R
0x1B4
READ_GPI
RESERVED
READ_GPI
0x00 R
JESD204B Interface
0x1C0
DID
DID
0x00 RW
0x1C1
BID
RESERVED
BID
0x00 RW
0x1C3
L
SCR
RESERVED
L
0x00 RW
0x1C4
F
F
0x03 RW
0x1C5
K
RESERVED
K
0x1F RW
0x1C6
M
M
0x01 RW
0x1C9
S
RESERVED
S
0x00 RW
0x1CB
RES1
RES1
0x00 RW
0x1CC
RES2
RES2
0x00 RW
0x1D0
LID0
RESERVED
LID0
0x00 RW
0x1D1
LID1
RESERVED
LID1
0x01 RW
0x1D8
FCHK0
FCHK0
0x44 RW
0x1D9
FCHK1
FCHK1
0x45 RW
0x1E0
EN_LFIFO
RESERVED
EN_LFIFO
0x00 RW
0x1E1
SWAP
RESERVED
SWAP_CONV
RESERVED
SWAP_LANE
0x00 RW
0x1E2
LANE_PD
ILAS_DELAY
RESERVED
LANE_PD
0x00 RW
0x1E3
MIS1
RESERVED
TEST_SAMPLE_EN LSYNC_EN
ILAS_MODE
FACI_DISABLE
RESERVED
0x14 RW
0x1E4
SYNC_PIN
RESERVED
SYNC_PIN_INV
RESERVED
INV_10B
RESERVED
0x00 RW
0x1E5
TEST_GEN
RESERVED
TEST_GEN_SEL
TEST_GEN_MODE
0x00 RW
0x1E6
KF_ILAS
KF_ILAS
0x00 RW
0x1E7
SYNCINB_CTRL
RESERVED
PD_SYSREF_RX LVDS_SYNCINB
RESERVED
0x00 RW
0x1E8
MIX_CTRL
RESERVED
MIX_USE_2ND MIX_NEXT
MIX_ALL
RESERVED
USE_2ND_
SYSREF
NEXT_SYSREF
ALL_SYSREF
0x00 RW
0x1E9
K_OFFSET
RESERVED
K_OFFSET
0x00 RW
0x1EA
SYSREF
SYSREF_WIN_NEG
SYSREF_WIN_POS
0x00 RW
0x1EB
SER1
SER_DRV_PS
RESERVED
0x1C RW
0x1EC
SER2
SER_ITRIM
SER_RTRIM
0x9B RW
0x1EF
PRE-EMPHASIS
SER_EMP_PS1
SER_EMP_IDAC1
SER_EMP_PS0
SER_EMP_IDAC0
0x00 RW
ADC Clock Synthesizer
0x2A0
CLKSYN_ENABLE
EN_EXTCK
EN_ADC_CK
EN_SYNTH
EN_VCO_
PTAT
EN_VCO
_ALC
EN_VCO
EN_OVERRIDE_
CAL
EN_OVERRIDE
0x00 RW
0x2A1
CLKSYN_INT_N_LSB
INT_N_LSB[7:0]
0x80 RW
0x2A2
CLKSYN_INT_N_MSB
RESERVED
INT_N_MSB[10:8]
0x00 RW
0x2A5
VCO_CAL_RESET
RESERVED
VCO_CAL_
RESET
RESERVED
0x00 RW
0x2AA CLKSYN_VCO_BIAS
RESERVED
BIAS_TEMPCO
RESERVED
BIAS
0x37 RW
0x2AB
CLKSYN_VCO_CAL
INIT_ALC_VALUE
ALC_DIS
RESERVED
ID_SYNTH
0xC0 RW
0x2AC
CLKSYN_I_CP
RESERVED
I_CP
0x19 RW
0x2AD EN_CP_CAL
EN_CP_CAL
RESERVED
0x00
0x2B7
CLKSYN_VCO_VAR
VCO_VAR
RESERVED
0xD0 RW
0x2BB
CLKSYN_R_DIV
R_DIV
RESERVED
SYSREF_
CTRL
CLKIN_IMPED
RESERVED
0xB9 RW
0x2BC
CLKSYN_STATUS
RESERVED
PLL_LCK
RESERVED
VCO CAL BUSY
CP CAL DONE
0x80 R
0x2DC JESDSYN_STATUS
RESERVED
PLL_LCK
RESERVED
VCO CAL BUSY
CP CAL DONE
0x80 R
ADC Adaptive Shuffler Control
0x340
SHUFFLE_CTRL
RESERVED
EN_ADAPTIVE_
SHUFFLE
0x03 RW
0x342
SHUFFLE_THREG_0
SHUFFLE_TH2
SHUFFLE_TH1
0xF5 RW
0x343
SHUFFLE_THREG_1
SHUFFLE_TH4
SHUFFLE_TH3
0xFF RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90