전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083 데이터시트(PDF) 39 Page - NEC

부품명 UPD78P083
상세설명  MOS INTEGRATED CIRCUIT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD78P083 데이터시트(HTML) 39 Page - NEC

Back Button UPD78P083 Datasheet HTML 35Page - NEC UPD78P083 Datasheet HTML 36Page - NEC UPD78P083 Datasheet HTML 37Page - NEC UPD78P083 Datasheet HTML 38Page - NEC UPD78P083 Datasheet HTML 39Page - NEC UPD78P083 Datasheet HTML 40Page - NEC UPD78P083 Datasheet HTML 41Page - NEC UPD78P083 Datasheet HTML 42Page - NEC UPD78P083 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
µPD78P083
PROM Programming Characteristics
DC Characteristics
(1)
PROM Write Mode (TA = 25
±5˚C, VDD = 6.5 ±0.25 V, VPP = 12.5 ±0.3 V)
Parameter
Symbol SymbolNote
Test Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH
VIH
0.7VDD
VDD
V
Input voltage, low
VIL
VIL
0
0.3VDD
V
Output voltage, high
VOH
VOH
IOH = –1 mA
VDD – 1.0
V
Output voltage, low
VOL
VOL
IOL = 1.6 mA
0.4
V
Input leakage current
ILI
ILI
0
≤ VIN ≤ VDD
–10
+10
µA
VPP supply voltage
VPP
VPP
12.2
12.5
12.8
V
VDD supply voltage
VDD
VCC
6.25
6.5
6.75
V
VPP supply current
IPP
IPP
PGM = VIL
50
mA
VDD supply current
IDD
ICC
50
mA
(2)
PROM Read Mode (TA = 25
±5˚C, VDD = 5.0 ±0.5 V, VPP = VDD ±0.6 V)
Parameter
Symbol SymbolNote
Test Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH
VIH
0.7VDD
VDD
V
Input voltage, low
VIL
VIL
0
0.3VDD
V
Output voltage, high
VOH1
VOH1
IOH = –1 mA
VDD – 1.0
V
VOH2
VOH2
IOH = –100
µAVDD – 0.5
V
Output voltage, low
VOL
VOL
IOL = 1.6 mA
0.4
V
Input leakage current
ILI
ILI
0
≤ VIN ≤ VDD
–10
+10
µA
Output leakage current
ILO
ILO
0
≤ VOUT ≤ VDD, OE = VIH
–10
+10
µA
VPP supply voltage
VPP
VPP
VDD – 0.6
VDD
VDD + 0.6
V
VDD supply voltage
VDD
VCC
4.5
5.0
5.5
V
VPP supply current
IPP
IPP
VPP = VDD
100
µA
VDD supply current
IDD
ICCA1
CE = VIL, VIN = VIH
50
mA
Note Corresponding
µPD27C1001A symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com