전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9993BBCZ 데이터시트(PDF) 53 Page - Analog Devices

부품명 AD9993BBCZ
상세설명  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ 데이터시트(HTML) 53 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 48Page - Analog Devices AD9993BBCZ Datasheet HTML 49Page - Analog Devices AD9993BBCZ Datasheet HTML 50Page - Analog Devices AD9993BBCZ Datasheet HTML 51Page - Analog Devices AD9993BBCZ Datasheet HTML 52Page - Analog Devices AD9993BBCZ Datasheet HTML 53Page - Analog Devices AD9993BBCZ Datasheet HTML 54Page - Analog Devices AD9993BBCZ Datasheet HTML 55Page - Analog Devices AD9993BBCZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 53 of 56
INTERRUPT STATUS REGISTER
Address: 0x0F0, Reset: 0x00, Name: INT
Table 65. Bit Descriptions for INT
Bits
Bit Name
Description
Reset
Access
7
ADC_D_OVR_IRQ
ADC D overrange interrupt (write 1 to clear).
0x0
RW1C
6
ADC_C_OVR_IRQ
ADC C overrange interrupt (write 1 to clear).
0x0
RW1C
5
ADC_B_OVR_IRQ
ADC B overrange interrupt(write 1 to clear).
0x0
RW1C
4
ADC_A_OVR_IRQ
ADC A overrange interrupt (write 1 to clear).
0x0
RW1C
3
FIFO_WARN2_IRQ
FIFO Warning 2 interrupt (write 1 to clear).
0x0
RW1C
2
FIFO_WARN1_IRQ
FIFO Warning 1 interrupt (write 1 to clear).
0x0
RW1C
1
PLL_UNLOCK_IRQ
PLL unlock interrupt (write 1 to clear).
0x0
RW1C
0
PLL_LOCKED_IRQ
PLL lock interrupt (write 1 to clear).
0x0
RW1C
INTERRUPT ENABLE REGISTER
Address: 0x0F1, Reset: 0x00, Name: INTEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56