전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD78P083CU 데이터시트(PDF) 21 Page - NEC

부품명 UPD78P083CU
상세설명  MOS INTEGRATED CIRCUIT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD78P083CU 데이터시트(HTML) 21 Page - NEC

Back Button UPD78P083CU Datasheet HTML 17Page - NEC UPD78P083CU Datasheet HTML 18Page - NEC UPD78P083CU Datasheet HTML 19Page - NEC UPD78P083CU Datasheet HTML 20Page - NEC UPD78P083CU Datasheet HTML 21Page - NEC UPD78P083CU Datasheet HTML 22Page - NEC UPD78P083CU Datasheet HTML 23Page - NEC UPD78P083CU Datasheet HTML 24Page - NEC UPD78P083CU Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
µPD78P083
4.2
PROM Write Procedure
Figure 4-1. Page Program Mode Flow Chart
G = Start address
N = Program last address
Start
Address = G
VDD = +6.5 V, VPP = +12.5 V
X = 0
Latch
Address = Address + 1
Latch
Address = Address + 1
Latch
Address = Address + 1
Latch
X = X + 1
X = 10 ?
Address = N ?
VDD = 4.5 to 5.5 V, VPP = VDD
Yes
No
Fail
Fail
All Pass
Pass
No
Yes
Pass
Address = Address + 1
0.1-ms program pulse
Verify 4 bytes
Verify all bytes
Write end
Defective product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com