전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54LS161A 데이터시트(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54LS161A
상세설명  Synchronous 4-Bit Binary Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS161A 데이터시트(HTML) 7 Page - National Semiconductor (TI)

Back Button 54LS161A Datasheet HTML 3Page - National Semiconductor (TI) 54LS161A Datasheet HTML 4Page - National Semiconductor (TI) 54LS161A Datasheet HTML 5Page - National Semiconductor (TI) 54LS161A Datasheet HTML 6Page - National Semiconductor (TI) 54LS161A Datasheet HTML 7Page - National Semiconductor (TI) 54LS161A Datasheet HTML 8Page - National Semiconductor (TI) 54LS161A Datasheet HTML 9Page - National Semiconductor (TI) 54LS161A Datasheet HTML 10Page - National Semiconductor (TI) 54LS161A Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Parameter Measurement Information
Switching Time Waveforms
TLF6397 – 3
Note A
The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT
50X tr s 10 ns tf s 10 ns
Vary PRR to measure fMAX
Note B
Outputs QD and carry are tested at tna16 where tn is the bit time when all outputs are low
Note C
VREF e 15V
Switching Time Waveforms
TLF6397 – 4
Note A
The input pulses are supplied by generators having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT
50X tr s 6 ns tf s 6 ns Vary
PRR to measure fMAX
Note B
Enable P and enable T setup times are measured at tna0
Note C
VREF e 13V
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12