전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB18S 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 MB18S
상세설명  1.0 Ampere Surface Mount MDS/MD-S Schottky Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MB18S 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MB18S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MB18S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings @T
A=25°C unless otherwise specified
Surge overload rating - 30 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
Schottky barrier rectifier diode chip device
Polarity symbols molded on body
FEATURES
MECHANICAL DATA
●
●
●
●
●
Epoxy : Device has UL flammability classification 94V-0
●
Dimensions in inches and (millimeters)
.067(1.7)
.057(1.3)
.106(2.7)
.09(2.3)
.106(2.7)
.09(2.3)
.193(4.9)
.177(4.5)
.031(0.8)
.019(0.5)
.275(7.0)MAX
.165(4.2)
.150(3.8)
.014(.35)
.006(.15)
.067(1.7)
.057(1.3)
.051(1.3)
.035(0.9)
.008(0.2)
.043(1.1)
.027(0.7)
MDS/MD-S
1
2
3
4
Case : MDS/MD-S Package, Molded Plastic
●
Mounting Position : Any
●
Weight : 0.22 grams (approx.)
●
Marking : Type Number
●
Parameter
Symbol
MB12S
MB14S
MB16S
MB18S
MB110S
Unit
Maximum repetitive peak reverse voltage
VRRM
20
40
60
80
100
V
V
e
g
a
tl
o
v
S
M
R
m
u
m
i
x
a
M
RMS
14
28
42
56
70
V
V
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
DC
20
40
60
80
100
V
Maximum Average forward output current
IF(AV)
A
Maximum instantaneous forward voltage at 1.0A
V
0
7
.
0
F
V
Maximum DC reverse current at
TA=25
rated DC blocking voltage per leg
TA=100
RθJA
RθJL
Tj
Storage temperature range
TSTG
Notes: 1. Thermal resistance form junction to ambient and from junction to lead P.C.B. mounted on 0.2×0.2"(5.0×5.0mm) copper pad areas.
-55 to +150
88
28
30
0.50
0
5
1
+
o
t
5
5
-
e
g
n
a
r
e
r
u
t
z
r
e
p
m
e
t
n
o
it
c
n
u
j
n
o
it
a
r
e
p
O
IR
0.5
20
IFSM
1.0
0.85
mA
Typical thermal resistance per leg(Note1)
A
/W
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
®
MB12S thru MB110S
Pb Free Plating Product
MB12S thru MB110S
Pb
1.0 Ampere Surface Mount MDS/MD-S Schottky Bridge Rectifiers
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
assemble
4PCS SMA/DO-214AC
1PCS MDS/MD-S
*New*


유사한 부품 번호 - MB18S

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MB18S MCC-MB18S Datasheet
400Kb / 3P
1 Amp Surface Mount Schottky Bridge Rectifier 20 to 100 Volts
logo
Shenzhen Luguang Electr...
MB18S LUGUANG-MB18S Datasheet
524Kb / 2P
1 Amp Surface mount Schottky Bridge Rectifier 20 to 100 V
logo
Bruckewell Technology L...
MB18S BWTECH-MB18S Datasheet
355Kb / 2P
Surface Mount Schottky Bridge Rectifiers
logo
Shenzhen Luguang Electr...
MB18S LUGUANG-MB18S Datasheet
194Kb / 2P
Schottky Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB18S YFWDIODE-MB18S Datasheet
433Kb / 3P
1A SURFACE MOUNT SCHOTTKY BRIDGE
More results

유사한 설명 - MB18S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
1.0 Ampere Schottky Power Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
1.0 Ampere Schottky Power Rectifiers
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
1.0 Ampere Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_09 Datasheet
788Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
DB101S SECOS-DB101S Datasheet
151Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
logo
Thinki Semiconductor Co...
DF005S THINKISEMI-DF005S Datasheet
606Kb / 2P
1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_15 Datasheet
340Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
DB101S SECOS-DB101S_15 Datasheet
324Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
logo
Central Semiconductor C...
CBRDFSH1-40 CENTRAL-CBRDFSH1-40 Datasheet
807Kb / 6P
SURFACE MOUNT 1.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com