전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM431BCM3 데이터시트(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
부품명 LM431BCM3
상세설명  Adjustable Precision Zener Shunt Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM431BCM3 데이터시트(HTML) 26 Page - Texas Instruments

Back Button LM431BCM3 Datasheet HTML 22Page - Texas Instruments LM431BCM3 Datasheet HTML 23Page - Texas Instruments LM431BCM3 Datasheet HTML 24Page - Texas Instruments LM431BCM3 Datasheet HTML 25Page - Texas Instruments LM431BCM3 Datasheet HTML 26Page - Texas Instruments LM431BCM3 Datasheet HTML 27Page - Texas Instruments LM431BCM3 Datasheet HTML 28Page - Texas Instruments LM431BCM3 Datasheet HTML 29Page - Texas Instruments LM431BCM3 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM431CCM3X
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431CCM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431CIM3
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431CIM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431CIM3X
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431CIM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM431ACM3/NOPB
SOT-23
DBZ
3
1000
210.0
185.0
35.0
LM431ACM3X
SOT-23
DBZ
3
3000
210.0
185.0
35.0
LM431ACM3X/NOPB
SOT-23
DBZ
3
3000
210.0
185.0
35.0
LM431ACMX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM431AIM3
SOT-23
DBZ
3
1000
210.0
185.0
35.0
LM431AIM3/NOPB
SOT-23
DBZ
3
1000
210.0
185.0
35.0
LM431AIM3X/NOPB
SOT-23
DBZ
3
3000
210.0
185.0
35.0
LM431AIMX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LM431BCM3
SOT-23
DBZ
3
1000
210.0
185.0
35.0
LM431BCM3/NOPB
SOT-23
DBZ
3
1000
210.0
185.0
35.0
LM431BCM3X/NOPB
SOT-23
DBZ
3
3000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Nov-2015
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32