| 전자부품 데이터시트 검색엔진 |
|
SP3508EB 데이터시트(PDF) 11 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP3508EB 데이터시트(HTML) 11 Page - Sipex Corporation |
|
11 / 13 page ![]() Rev. 8/28/03 SP3508 Evaluation Board Manual © Copyright 2003 Sipex Corporation 11 TABLE 5. SP3508 LOGIC JUMPER SETTING Switch Jumper LOGIC 1 LOGIC 2 D0 JP22 VCC (2-3) GND (1-2) DECODER D1 JP23 VCC (2-3) GND (1-2) DECODER D2 JP24 VCC (2-3) GND (1-2) DECODER LOOPBACK JP25 VCC (2-3) GND (1-2) Logic 0 indicates SP508 is in LOOPBACK mode TERM_OFF JP20 VCC (2-3) GND (1-2) Logic 1 internal termination is disables D_LATCH JP21 VCC (2-3) GND (1-2) Logic 0 Latch is disabled SDEN JP41 VCC (2-3) GND (1-2) Logic 1 TXD driver is enabled TTEN JP40 VCC (2-3) GND (1-2) Logic 1 TXCE driver is enabled STEN JP39 VCC (2-3) GND (1-2) Logic 1 ST driver is enabled RSEN JP38 VCC (2-3) GND (1-2) Logic 1 RTS driver is enabled TREN JP37 VCC (2-3) GND (1-2) Logic 1 DTR driver is enabled RRCEN JP36 VCC (2-3) GND (1-2) Logic 1 DCD_DCE driver is enabled RLEN JP35 VCC (2-3) GND (1-2) Logic 1 SD driver is enabled /LLEN JP34 VCC (2-3) GND (1-2) Logic 0 LL driver is enabled /RDEN JP33 VCC (2-3) GND (1-2) Logic 0 RXD receiver is enabled /RTEN JP32 VCC (2-3) GND (1-2) Logic 0 RXT receiver is enabled /TXCEN JP31 VCC (2-3) GND (1-2) Logic 0 TXC receiver is enabled /CSEN JP30 VCC (2-3) GND (1-2) Logic 0 CTS receiver is enabled /DMEN JP29 VCC (2-3) GND (1-2) Logic 0 DSR receiver is enabled /RRTEN JP28 VCC (2-3) GND (1-2) Logic 0 DCD_DTE receiver is enabled /ICEN JP27 VCC (2-3) GND (1-2) Logic 0 RI receiver is enabled TMEN JP26 VCC (2-3) GND (1-2) Logic 1 TM receiver is enabled Figure 8 shows 3-pin jumper configuration and Table 5 describes the fuctionalities of each jumper setting configuration. Figure 8. 3-Pin Jumper Configuration 12 3 JP1 - JP4 are set of jumpers that the user can select which signals to be accessed by DB25. Figure 9 shows 3-pin jumper configuration and Table 5 describes the signal to be accessed by DB25 per its configuration. Figure 9. 3-Pin Jumper Configuration 1 2 3 Signal Jumper Jumper to be accessed Configuration by DB25 STa JP1 1-2 TxCa JP1 2-3 STb JP2 1-2 TxCb JP2 2-3 RRTa JP3 1-2 RRCa JP3 2-3 RRTb JP4 1-2 RRCb JP4 2-3 TABLE 6. SP3508 JUMPER SETTINGS |