| 전자부품 데이터시트 검색엔진 |
|
SP503CF 데이터시트(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP503CF 데이터시트(HTML) 12 Page - Sipex Corporation |
|
12 / 29 page ![]() Date: 7/29/04 SP503 Multiprotocol Transceiver © Copyright 2004 Sipex Corporation 12 There are three basic types of receivers — RS-232, RS-423, and RS-485. The RS-232 receiver is a single–ended input with a threshold of 0.8V to 2.4V. The RS-232 receiver has an operating voltage range of ±15V and can re- ceive signals up to 120kbps. RS-232 receivers are used in RS-232 mode for all signal types, and in V.35 mode for control line signals. The RS-423 receivers are also single–ended but have an input threshold as low as ±200mV. The input impedance is guaranteed to be greater than 4k Ω, with an operating voltage range of ±7V. The RS-423 receivers can operate up to 120kbps. RS-423 receivers are used for the IC signal in RS-449 and EIA-530 modes, as shown in Table 2. The third type of receiver supports RS-485, which is a differential interface mode. The RS-485 receiver has an input impedance of 15k Ω and a differential threshold of ±200mV. Since the characteristics of an RS-422 receiver are actually subsets of RS-485, the receivers for RS-422 requirements are identical to the RS-485 receivers. RS-422 receivers are used in RS-449 and EIA-530 for receiving clock, data, and some control line signals. The RS-485 receivers are also used for the V.35 mode. V.35 levels require the ±0.55V signals with a load of 100 Ω. In order to meet the V.35 input imped- ance of 100 Ω, the external termination network of Figure 6 must be applied. The threshold of the V.35 receiver is ±200mV. The V.35 receivers Pin Label Mode: RS-232 V.35 RS-422 RS-485 RS-449 EIA-530 RDEC 3–RDEC0 0000 0010 1110 0100 0101 1100 1101 RD(a) Undefined RS-232 V.35– RS-422– RS-485– RS-422– RS-422– RD(b) Undefined 15kΩ to GND V.35+ RS-422+ RS-485+ RS-422+ RS-422+ RT(a) Undefined RS-232 V.35– RS-422– RS-485– RS-422– RS-422– RT(b) Undefined 15kΩ to GND V.35+ RS-422+ RS-485+ RS-422+ RS-422+ CS(a) Undefined RS-232 RS-232 RS-422– RS-485– RS-422– RS-422– CS(b) Undefined 15kΩ to GND 15KΩ to GND RS-422+ RS-485+ RS-422+ RS-422+ DM(a) Undefined RS-232 RS-232 RS-422– RS-485– RS-422– RS-422– DM(b) Undefined 15kΩ to GND 15KΩ to GND RS-422+ RS-485+ RS-422+ RS-422+ RR(a) Undefined RS-232 RS-232 RS-422– RS-485– RS-422– RS-422– RR(b) Undefined 15kΩ to GND 15KΩ to GND RS-422+ RS-485+ RS-422+ RS-422+ IC(a) Undefined RS-232 RS-232 RS-422– RS-485– RS-423 RS-423 IC(b) Undefined 15kΩ to GND 15KΩ to GND RS-422+ RS-485+ 15KΩ to GND 15KΩ to GND SCT(a) Undefined RS-232 V.35– RS-422– RS-485– RS-422– RS-422– SCT(b) Undefined 15kΩ to GND V.35+ RS-422+ RS-485+ RS-422+ RS-422+ Receivers The SP503 has seven (7) independent receivers which can be programmed for six (6) different interface modes. One of the seven (7) receivers (SCT) has an active–high enable control, as shown in the Mode Diagrams. Control for the mode selection is done via a 4– bit control word that is independent from the driver control word. The coding for the drivers and receivers is identical. Therefore, if the modes for the drivers and receivers are supposed to be identical in the application, the control lines can be tied together. Like the drivers, the receivers are pre-arranged for the specific requirements of the interface. As the operating mode of the receivers is changed, the electrical characteristics will change to sup- port the requirements of clock, data, and control line receivers. Table 2 shows a summary of the electrical characteristics of the receivers in the different interface modes. Unused receiver in- puts can be left floating without causing oscilla- tion. To ensure a desired state of the receiver output, a pull–up resistor of 100k Ω to +5V should be connected to the inverting input for a logic low, or the non–inverting input for a logic high. For single-ended receivers, a pull–down resistor to ground of 5k Ω is internally con- nected, which will ensure a logic high output. Table 2. SP503 Receivers |