전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP504CF 데이터시트(PDF) 5 Page - Sipex Corporation

부품명 SP504CF
상세설명  Application Note
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504CF 데이터시트(HTML) 5 Page - Sipex Corporation

  SP504CF Datasheet HTML 1Page - Sipex Corporation SP504CF Datasheet HTML 2Page - Sipex Corporation SP504CF Datasheet HTML 3Page - Sipex Corporation SP504CF Datasheet HTML 4Page - Sipex Corporation SP504CF Datasheet HTML 5Page - Sipex Corporation SP504CF Datasheet HTML 6Page - Sipex Corporation SP504CF Datasheet HTML 7Page - Sipex Corporation SP504CF Datasheet HTML 8Page - Sipex Corporation SP504CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SP504AN
SP504 Application Note
© Copyright 2000 Sipex Corporation
5
The tri-state enable and disable timing must be
considered. Given two systems, each config-
ured in DTE/DCE operation, containing two
SP504’s each, System 1 is the DTE, and
System 2 is the DCE. Assume System 1 is now
configured to a DCE and System 2 is config-
ured to a DTE; the two SP504 devices within
each system will have to switch states. If
System 1 switches to DCE before System 2
tri-states its driver, the bus will share driver
outputs until System 2 switches to DTE, thus
causing bus contention problems. In both
systems, the active SP504 should be tri-stated
first before enabling the tri-stated SP504. Al-
though the bus contention will not damage the
SP504 devices, it should be avoided to prevent
short circuit currents at the driver outputs.
One last consideration for DTE/DCE hookup is
the charge pump capacitors. Many have in-
quired about sharing the 22
µF caps. For a mini-
mal requirement, the C1 and C2 capacitors must
be separate for each SP504 device. Although
this can be functionally done, Sipex does not
recommend this practice. Please be aware that
if one SP504 becomes nonfunctional, it can
affect the other SP504 as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11