| 전자부품 데이터시트 검색엔진 |
|
SP505ACF 데이터시트(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP505ACF 데이터시트(HTML) 12 Page - Sipex Corporation |
|
12 / 35 page ![]() 12 Rev: A Date: 1/27/04 SP505 Multi–Mode Serial Transceiver © Copyright 2004 Sipex Corporation Figure 32. Driver Output Leakage Current Test Figure 33. Driver/Receiver Timing Test Circuit Figure 30. V.35 Receiver Input Source Impedance Figure 29. V.35 Driver Output Rise/Fall Time Figure 31. V.35 Receiver Input Short-Circuit Impedance Figure 28. V.35 Driver Output Short-Circuit Impedance A B C I SC ±2V A B C 50Ω Oscilloscope 50Ω 50Ω A B C I sc ±2V CL1 15pF ROUT A B A B TIN CL2 f IN (50% Duty Cycle, 2.5V P-P ) A B V 2 50Ω C 24kHz, 550mVp-p Sine Wave V 1 A B I ZSC Logic “1” ±15V 0 00 0 DEC 3 DEC2 DEC1 DEC 0 V CC = +5V V CC Any one of the two conditions for disabling the driver. |