전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP6650 데이터시트(PDF) 11 Page - Sipex Corporation

부품명 SP6650
상세설명  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650 데이터시트(HTML) 11 Page - Sipex Corporation

Back Button SP6650 Datasheet HTML 7Page - Sipex Corporation SP6650 Datasheet HTML 8Page - Sipex Corporation SP6650 Datasheet HTML 9Page - Sipex Corporation SP6650 Datasheet HTML 10Page - Sipex Corporation SP6650 Datasheet HTML 11Page - Sipex Corporation SP6650 Datasheet HTML 12Page - Sipex Corporation SP6650 Datasheet HTML 13Page - Sipex Corporation SP6650 Datasheet HTML 14Page - Sipex Corporation SP6650 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
External Component Selection
Inductor
According to the pulse frequency modulation
(PFM) algorithm, the peak to peak output ripple
current can be calculated as:
ILR
KON
L
KON = 2.7µs*V is a constant for SP6650 and is
set by the parameters of the internal ON-time
calculation circuitry. For the recommended 22
µH
inductor, typical ripple currents are ILR = 123mA
in discontinuous conduction mode (DCM) op-
eration. During continuous conduction mode,
the speed of the loop comparator determines the
current ripple. It is approximately equal to 200mA
with a 22
µH inductor.
The value of the inductor is chosen based on the
constant KON and acceptable current ripple. Two
additional inductor parameters are important: its
current rating and its DC resistance.
When the current through the inductor reaches
the level of Isat, inductance drops down to 70%
from the nominal. This non-linear change can
cause stability problems or excessive fluctuation
in current ripple. To avoid this, the inductor
should be chosen with saturation current at least
equal to the maximum output current of the
converter plus half of the ripple. To provide the
best converter performance in dynamic condi-
tions such as start-up and load transients, induc-
tors with saturation current close to the chosen
ILIM are recommended.
The second important inductor parameter, DC
resistance, directly defines the efficiency of the
converter, therefore, the inductor should be cho-
sen with the minimum possible DC resistance
for a particular design. Recommended types of
the inductors for different applications are given
in Table 1. Preferred inductors for on board
power supplies with the SP6650 converter are
shielded inductors to minimize radiated mag-
netic fields emissions.
APPLICATION INFORMATION
All components recommended for typical de-
signs like those shown in the applications sche-
matics are given in Table 1.
Input and Output Capacitors
Output capacitor is often selected based on the
requirement on the output ripple voltage. In a
Buck regulator, the output ripple is determined
by ESR (equivalent series resistor) of the output
capacitors and inductor ripple current
VOR = ESR * ILR,
where VOR = peak to peak output ripple voltage.
SP6650’s adaptive on-time scheme provides a
constant inductor ripple that is independent of
input voltages and thus makes it easier to select
the output capacitor. In many power supply
designs, the ripple voltage needs to be less than
3% of the DC output voltage. Using low ESR
tantalum or electrolytic capacitors to reduce the
output ripple.
Due to the nature of the PFM control, certain
output ripple is required for stable operation.
The loop comparator requires minimum of 15mV
ripple on the FB pin to reliably toggle the com-
parator output. That translates to an output ripple
of
VOR(MIN) =
15mV * VOUT
VREF
where VREF = 1.25V is the internal reference
voltage.
To reduce the output ripple and improve stabil-
ity, a small capacitor can be paralleled with the
feedback voltage divider as shown on page 1.
This capacitor forms a high pass filter with
feedback resistor to increase the ripple voltage
seen by the FB pin. The value of the capacitor
should be in the range of 100pF to 500pF.
Although the 3.3V output can be programmed
simply by connecting the FB pin to the ground,
using this external feedback scheme can signifi-
cantly reduce the output ripple. For output ripple
less than 15mV, for instance when ceramic
capacitors are used, an artificial ramp can be
generated and superimposed onto the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com