전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP6201EM5-2.85 데이터시트(PDF) 13 Page - Sipex Corporation

부품명 SP6201EM5-2.85
상세설명  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6201EM5-2.85 데이터시트(HTML) 13 Page - Sipex Corporation

Back Button SP6201EM5-2.85 Datasheet HTML 9Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 10Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 11Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 12Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 13Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 14Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 15Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 16Page - Sipex Corporation SP6201EM5-2.85 Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
IOUT = 10mA
COUT = 2.2µF
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Power Supply Rejection Ratio
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz
IOUT = 1mA
COUT = 2.2µF
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Power Supply Rejection Ratio
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz
Power Supply Rejection Ratio
IOUT = 100mA
COUT = 2.2µF
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz
TYPICAL CHARACTERISTICS: Continued
27°C, VIN = 5.5V, IO = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
IOUT = 100µA
COUT = 1µF
VIN = 4V
VOUT = 3V
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Power Supply Rejection Ratio
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com